PART |
Description |
Maker |
A-1900-00300R-DEC100M |
RESISTANCE DECADE BOX 电阻十年
|
Bourns, Inc.
|
HEF4737BF HEF4737BN HEF4737 HEF4737B HEF4737BD HEF |
Quadruple static decade counters 10年翻两番的静态计数器 COUNTER|UP|DECADE|CMOS|DIP|18PIN|PLASTIC 4000/14000/40000 SERIES, ASYN POSITIVE EDGE TRIGGERED 17-BIT UP DECADE COUNTER, PDIP18
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
A23L26161 A23L2616 A23L2616V-70 A23L2616V-100 A23L |
Power Resistor; Series:MK; Resistance:20kohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C 4M X 16 / 8M X 8 BIT CMOS MASK ROM 4米16 / 8米8位CMOS掩膜ROM Circular Connector; No. of Contacts:41; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle 4米16 / 8米8位CMOS掩膜ROM
|
http:// AMICC[AMIC Technology] AMIC Technology Corporation AMIC Technology, Corp.
|
AT-220 AT-101 AT-102 AT-100 AT-210 AT-303 AT-306 A |
ER 3C 2#16 1#0 SKT RECP BOX ER 4C 4#8 SKT RECP BOX ER 9C 8#16 1#8 SKT RECP BOX ER 8C 8#12 SKT RECP ER 7C 7#16 PIN RECP BOX Fixed Attenuators (SMA Type) 固定衰减器(SMA型)
|
Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
530336-2 |
.050, .075, .100 Box Connectors; 2 ROW BOX PIN 40 POS R/A ( AMP )
|
Tyco Electronics
|
2902049 |
Temperature transducers for resistance thermometers and remote resistance-type sensors
|
PHOENIX CONTACT
|
15975 15975-B |
BOX 2.13 X 1.38 X.58 PLASTIC BLK BOX 2.13 X 1.38 X.58 PLASTIC GRY HTSNK A LONG .9H LOW FLOW. THREADED
|
VICOR[Vicor Corporation]
|
CD40192BC CD40192BCN CD40193BCM CD40193BCN CD40192 |
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter Synchronous Up/Down Counter 同步减计数器 Automotive Catalog Single Bus Buffer Gate With 3-State Output 5-SC70 -40 to 125 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT BIDIRECTIONAL DECADE COUNTER, PDIP16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
UNO-3074-P32BE UNO-3072-P12BE |
Intel垄莽 Pentium垄莽 M Fanless Box PC with 2/4 x PCI, PC Card Intel庐 Pentium庐 M Fanless Box PC with 2/4 x PCI, PC Card Intel? Pentium? M Fanless Box PC with 2/4 x PCI, PC Card
|
Advantech Co., Ltd. http://
|
ZP7-50-S-G ZP7-50-S-G2T ZP7-10-A-G ZP7-10-A-G2T ZP |
180隆? / 90隆? - TH Dual Row Box Header 180掳 / 90掳 - TH Dual Row Box Header 180° / 90° - TH Dual Row Box Header
|
Yamaichi Electronics Co., Ltd. http://
|
5962-9210901HZX ATW2805D ATW2805D_CH ATW2805D_ES A |
Hi-Rel DC-DC Standard Dual Converter in a ATW package 高可靠性的DC - DC标准在ATW包双转换 ER 3C 1#16 2#8 SKT RECP BOX 先进的模拟混合,高度可靠的DC / DC转换 ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS 先进的模拟混合,高度可靠的DC / DC转换 ER 24C 24#16 PIN RECP ER 24C 24#16 SKT RECP AC 9C 6#12 3#8 SKT RECP BOX DC to DC Converter ER 7C 7#8 SKT RECP BOX ER 7C 7#8 PIN RECP From old datasheet system
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
6344S 1133BRO 5544S 5504S 9007RED 2531WHI 5702S 56 |
Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package JUNCTION BOX 3 TERMINAL BRN BLANKING PLATE MCB ENCLOSURE 4 MODULE PLUG COMMANDO 16A RED IP44 MAINS SOCKET 1 GANG SW ENCLOSURE 2 MODULE SPLASHPROOF ENCLOSURE 7 MODULE MOUNTING BOX 35MM 2 GANG MOUNTING BOX 35MM 1 GANG MTG BOX 46MM DEEP 1 GANG SWITCH DISCONNECTOR 100A *****OBOSLETE OFFER 721-7298****** PLUG COMMANDO 32A YEL.IP44 Low-Power Dual-/Triple-Voltage SC70 µP Supervisory Circuits CIRCUIT BREAKER RCBO 32A KEY FOR SECURITY SCREW MOUNTING BOX 47MM 2 GANG MOUNTING BOX 25MM 2 GANG MOUNTING BOX 25MM 1 GANG 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit ENCLOSURE 12 MODULE ENCLOSURE 20 MODULE MOUNTING BOX DRY LINER 1 GANG "PLUG""HOSPITAL PROPERTY""13A "PLUG""COMPANY PROPERTY""13A SWITCH PULLCORD 1 WAY SP 5A SWITCH PULLCORD 2 WAY SP 5A Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 接线端子溴代 ENCLOSURE 16 MODULE 围栏16模块 LAMPHOLDER PENDANT SET
|
3M Company Panasonic, Corp.
|